Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS0305B Datasheet(PDF) 1 Page - CUI INC

Part # CS0305B
Description  CURRENT SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CS0305B Datasheet(HTML) 1 Page - CUI INC

  CS0305B Datasheet HTML 1Page - CUI INC CS0305B Datasheet HTML 2Page - CUI INC CS0305B Datasheet HTML 3Page - CUI INC CS0305B Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 09/03/2019
page 1 of 4
cui.com
SERIES: CSXX05B
│ DESCRIPTION: CURRENT SENSOR
FEATURES
• open loop
• bipolar
• detects current direction
• single channel
MODEL
rated current (If)
linearity range1 (Im)
(
A
RMS)
(A
PEAK)
CS0305B
±3
±3
CS0505B
±5
±5
CS1005B
±10
±10
CS1505B
±15
±15
CS2005B
±20
±20
Notes:
1.Imisthemaximumpeakcurrentforwhichtheoutputvoltagespecificationsareguaranteed,howevertheIfRMSratingmustnotbeexceeded.
2.Allspecificationsmeasuredat25°C,Rl=10kΩ,unlessotherwisenoted.
3.Itisrecommendedtoadda1μFcapacitorconnectedbetweenthecommonterminal4andthe+5Vterminal1toavoidnoiseproblems.
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
supplyvoltage(Vcc)
4.75
5.00
5.25
V
max current consumption (Ic)
25
mA
outputvoltage(Vo)
at+If
at -If
4.47
0.47
4.50
0.50
4.53
0.53
V
V
zerocurrentoffsetvoltage(Vr)
after demagnetization
2.47
2.50
2.53
V
output voltage linearity4(ΔKo)
±0.5
%
response (tr)
atdi/dt=If/μs
7
μs
output voltage temperature
characteristics
±0.1
%/°C
zerocurrentoffsetvoltage
characteristics
±1.5
mV/°C
hysteresis(Vh)
at+Iftozerocurrent
8
mV
primary over current
formaximum50ms,nodamage
10*If
A
withstand voltage
between coil and each terminal for 1 minute
2,000
Vac
insulation resistance
betweencoilandeachterminalat500Vdc
500
MΩ
operating temperature
-10
75
°C
storage temperature
-30
90
°C
safety approvals
UL 508
flammabilityrating
UL94V-0
RoHS
yes
Notes:
4.Deductingthevalueofhysteresisandoffsetvoltage,calculatedby(V/Vo)/(IfxI-1)x100%.
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CS0305B

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS0305B CUI-CS0305B Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Same Sky Devices
CS0305B SAMESKY-CS0305B Datasheet
332Kb / 4P
CURRENT SENSOR
09/12/2024
More results

Similar Description - CS0305B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
CURRENT SENSOR
logo
CUI INC
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Littelfuse
SE-CS40 LITTELFUSE-SE-CS40 Datasheet
164Kb / 2P
Current Sensor
2015 Rev: 1-A-111215
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com