Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMFXUSB3S Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # PCMFXUSB3S
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMFXUSB3S Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button PCMFXUSB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMFXUSB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMFXUSB3S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCMFXUSB3S Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCMFXUSB3S Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCMFXUSB3S Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCMFXUSB3S Datasheet HTML 14Page - Nexperia B.V. All rights reserved PCMFXUSB3S Datasheet HTML 15Page - Nexperia B.V. All rights reserved PCMFXUSB3S Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Nexperia
PCMFxUSB3S series
Common-mode EMI filter for differential channels with integrated ESD protection
VCL (V)
0
25
20
10
15
5
aaa-019781
10
15
5
20
25
I
(A)
0
Transmission Line Pulse (TLP) = 100 ns;
tr = 1 ns
Fig. 17. Dynamic resistance with positive clamping;
typical values
VCL (V)
-25
0
-5
-15
-10
-20
aaa-019782
-15
-10
-20
-5
0
I
(A)
-25
Transmission Line Pulse (TLP) = 100 ns;
tr = 1 ns
Fig. 18. Dynamic resistance with negative clamping;
typical values
VCL (V)
0
25
20
10
15
5
aaa-021984
10
15
5
20
25
I
(A)
0
Very-Fast Transmission Line Pulse
(VF-TLP) = 5 ns;
tr = 600 ps
Fig. 19. Dynamic resistance with positive clamping;
typical values
VCL (V)
-25
0
-5
-15
-10
-20
aaa-021983
-15
-10
-20
-5
0
I
(A)
-25
Very-Fast Transmission Line Pulse
(VF-TLP) = 5 ns;
tr = 600 ps
Fig. 20. Dynamic resistance with negative clamping;
typical values
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the ESD
protection during an ESD event. Do not connect unlimited DC current sources to the data lines to
avoid keeping the ESD protection device in snap-back state after exceeding breakdown voltage
(due to an ESD pulse for instance).
PCMFXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 7 March 2019
12 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com