Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DVR Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # ES1DVR
Description  200 V, 1 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES1DVR Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  ES1DVR Datasheet HTML 1Page - Nexperia B.V. All rights reserved ES1DVR Datasheet HTML 2Page - Nexperia B.V. All rights reserved ES1DVR Datasheet HTML 3Page - Nexperia B.V. All rights reserved ES1DVR Datasheet HTML 4Page - Nexperia B.V. All rights reserved ES1DVR Datasheet HTML 5Page - Nexperia B.V. All rights reserved ES1DVR Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES1DVR Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES1DVR Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES1DVR Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ES1DVR
200 V, 1 A hyperfast PN-rectifier
28 March 2018
Product data sheet
1. General description
High power density, hyperfast PN-rectifier with high-efficiency planar technology, encapsulated in a
small and flat lead SOD123W Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Reverse voltage VR ≤ 200 V
• Forward current IF ≤ 1 A
• Hyperfast recovery time trr ≤ 25 ns
• Pt doped life time control
• Low inductance
• Small and flat lead SMD plastic package
• Package height typ. 1 mm
• High power capability due to clip-bond technology
• Planar die design
• Capable for reflow and wave soldering
3. Applications
• General-purpose rectification
• Reverse polarity protection
• Hyperfast switching
• Freewheeling applications
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF(AV)
average forward
current
δ = 0.5; f = 20 kHz; square wave; Tsp ≤
145 °C
-
-
1
A
VRRM
repetitive peak reverse
voltage
-
-
200
V
VR
reverse voltage
Tj = 25 °C
-
-
200
V
IF = 1 A; pulsed; Tj = 25 °C
[1]
-
820
875
mV
VF
forward voltage
IF = 1 A; pulsed; Tj = 125 °C
[1]
-
675
750
mV
VR = 200 V; pulsed; Tj = 25 °C
[1]
-
5
200
nA
IR
reverse current
VR = 200 V; pulsed; Tj = 125 °C
[1]
-
1.5
20
µA
[1] Very short test pulse to keep the junction temperature unchanged.


Similar Part No. - ES1DVR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
1A, 200V Surface Mount Ultra Fast Rectifier
logo
Rectron Semiconductor
ES1DV RECTRON-ES1DV Datasheet
246Kb / 8P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
ES1DVH TSC-ES1DVH Datasheet
361Kb / 5P
1A, 200V Ultra Fast Surface Mount Rectifier
Version: A2102
More results

Similar Description - ES1DVR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
ES1DR NEXPERIA-ES1DR Datasheet
229Kb / 14P
200 V, 1 A hyperfast PN-rectifier
ES1GR NEXPERIA-ES1GR Datasheet
222Kb / 14P
400 V, 1 A hyperfast switching time PN-rectifier
ES2DP NEXPERIA-ES2DP Datasheet
228Kb / 14P
200 V, 2 A hyperfast PN-rectifier
ES2DR NEXPERIA-ES2DR Datasheet
225Kb / 14P
200 V, 2 A hyperfast PN-rectifier
ES2DVR NEXPERIA-ES2DVR Datasheet
401Kb / 14P
200 V, 2 A hyperfast PN-rectifier
PNE20010ER NEXPERIA-PNE20010ER Datasheet
251Kb / 13P
200 V, 1 A hyperfast recovery rectifier
3 January 2019
PNE20010ER-Q NEXPERIA-PNE20010ER-Q Datasheet
254Kb / 13P
200 V, 1 A hyperfast recovery rectifier
21 March 2023
PNE20010EXD-Q NEXPERIA-PNE20010EXD-Q Datasheet
252Kb / 13P
200 V, 1 A hyperfast recovery rectifier
1 April 2022
PNE20010EXD NEXPERIA-PNE20010EXD Datasheet
253Kb / 13P
200 V, 1 A hyperfast recovery rectifier
1 April 2022
ES3DP NEXPERIA-ES3DP Datasheet
226Kb / 14P
200 V, 3 A hyperfast PN-rectifier
3 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com