Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DP Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # ES2DP
Description  200 V, 2 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES2DP Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  ES2DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved ES2DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved ES2DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved ES2DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved ES2DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved ES2DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES2DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES2DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES2DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
ES2DP
200 V, 2 A hyperfast PN-rectifier
ES2DP
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
25 August 2017
5 / 14
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)R
reverse breakdown
voltage
IR = 100 µA; pulsed; Tj = 25 °C
[1]
200
-
-
V
IF = 2 A; pulsed; Tj = 25 °C
[1]
-
890
950
mV
VF
forward voltage
IF = 2 A; pulsed; Tj = 125 °C
[1]
-
750
825
mV
VR = 200 V; pulsed; Tj = 25 °C
[1]
-
5
200
nA
IR
reverse current
VR = 200 V; pulsed; Tj = 125 °C
[1]
-
1.5
20
µA
Cd
diode capacitance
VR = 4 V; f = 1 MHz; Tj = 25 °C
-
20
-
pF
reverse recovery time ;
step recovery
IF = 0.5 A; IR = 1 A; IR(meas) = 0.25 A;
Tj = 25 °C
-
10
25
ns
trr
reverse recovery time ;
ramp recovery
IF = 1 A; dIF/dt = 50 A/µs; VR = 30 V;
Tj = 25 °C
-
20
-
ns
VFRM
peak forward recovery
voltage
IF = 1 A; dIF/dt = 50 A/µs; Tj = 25 °C
-
930
-
mV
[1] Very short pulse, in order to maintain a stable junction temperature.
aaa-026977
10-2
10-3
1
10-1
10
IF
(A)
10-4
VF (V)
0
1.4
1.0
1.2
0.8
0.6
0.2
0.4
Tj = 150 °C
Tj = 25 °C
Tj = 125 °C
Tj = 85 °C
Tj = -40 °C
pulsed condition
Fig. 3. Forward current as a function of forward
voltage; typical values
aaa-026148
10-8
10-10
10-9
10-6
10-7
10-5
IR
(A)
10-11
VR (V)
0
200
160
80
120
40
(1)
(2)
(3)
(4)
(5)
pulsed condition
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj = 85 °C
(4) Tj = 25 °C
(5) Tj = −40 °C
Fig. 4. Reverse current as a function of reverse
voltage; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com