Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G16 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G16
Description  Dual buffer gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G16 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G16 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G16 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G16 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G16 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G16 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G16 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G16 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G16 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G16 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC2G16
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 12 October 2016
2 of 14
Nexperia
74LVC2G16
Dual buffer gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G16GW
40 Cto +125 C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC2G16GM
40 Cto +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC2G16GF
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1  0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74LVC2G16GW
YU
74LVC2G16GM
YU
74LVC2G16GF
YU
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
Fig 4.
Pin configuration SOT363
Fig 5.
Pin configuration SOT886 and SOT891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com