Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9224P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RT9224P
Description  5-Bit Programmable Synchronous PWM Buck Converter Controller and Output Voltage Monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9224P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RT9224P Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9224P Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9224P Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9224P Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9224P Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9224P Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9224P Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9224P Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RT9224
7
DS9224-05 March 2004
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Protection
Over-voltage Trip (VSEN/DACOUT)
--
115
120
%
OCSET Current Source
IOCSET
VOCSET = 4.5V
167
200
233
µA
OVP Sourcing Current
IOVP
VSEN = 5.5V, VOVP = 0V
60
--
--
mA
Soft-Start Current
ISS
VSS = 1.5V
--
10
--
µA
Power Good
Upper Threshold (VSEN/DACOUT)
VSEN Rising
106
--
114
%
Lower Threshold (VSEN/DACOUT)
VSEN Falling
89
--
96
%
Hysteresis (VSEN/DACOUT)
Upper and Lower Threshold
--
2
--
%
PGOOD Voltage Low
VPGOOD IPGOOD = -5mA
--
0.5
--
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com