Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRMD2 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PRMD2
Description  50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMD2 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PRMD2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRMD2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRMD2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRMD2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRMD2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMD2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMD2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMD2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMD2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRMD2
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors
(RET)
14 September 2018
Product data sheet
1. General description
NPN/PNP Resistor-Equipped double Transistors (RET) in a leadless ultra small DFN1412-6
(SOT1268) Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Low package height of 0.5 mm
• AEC-Q101 qualified
3. Applications
• Digital applications
• Cost-saving alternative to BC847/BC857 series in digital applications
• Control of IC inputs
• Switching loads
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor, for the PNP transistor with negative polarity
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
hFE
DC current gain
VCE = 5 V; IC = 5 mA; Tamb = 25 °C
60
-
-
R1
bias resistor 1
[1]
15.4
22
28.6
kΩ
R2/R1
bias resistor ratio
[1]
0.8
1
1.2
[1] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PRMD2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRMD2 NEXPERIA-PRMD2 Datasheet
280Kb / 15P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors (RET)
14 June 2017
PRMD2Z NEXPERIA-PRMD2Z  Datasheet
280Kb / 15P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors (RET)
14 June 2017
PRMD2 NEXPERIA-PRMD2_V01 Datasheet
280Kb / 15P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors (RET)
14 June 2017
More results

Similar Description - PRMD2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRMB11 NEXPERIA-PRMB11 Datasheet
263Kb / 13P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors(RET)
PRMD3 NEXPERIA-PRMD3 Datasheet
287Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD10 NEXPERIA-PRMD10 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD12 NEXPERIA-PRMD12 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD13 NEXPERIA-PRMD13 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD16 NEXPERIA-PRMD16 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMH2 NEXPERIA-PRMH2 Datasheet
261Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PRMH9 NEXPERIA-PRMH9 Datasheet
262Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PRMH10 NEXPERIA-PRMH10 Datasheet
262Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
PRMH13 NEXPERIA-PRMH13 Datasheet
262Kb / 13P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistors(RET)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com