Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRMD13 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PRMD13
Description  50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMD13 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PRMD13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRMD13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRMD13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRMD13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRMD13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMD13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMD13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMD13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMD13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
PRMD13
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors (RET)
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor, for the PNP transistor with negative polarity
VCE = 30 V; IB = 0 A; Tamb = 25 °C
-
-
1
µA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB = 0 A; Tj = 150 °C
-
-
5
µA
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
-
-
170
µA
hFE
DC current gain
VCE = 5 V; IC = 10 mA; Tamb = 25 °C
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = 5 mA; IB = 0.25 mA; Tamb = 25 °C
-
-
100
mV
VI(off)
off-state input voltage
VCE = 5 V; IC = 100 µA; Tamb = 25 °C
-
0.6
0.5
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 5 mA; Tamb = 25 °C
1.3
0.9
-
V
R1
bias resistor 1
[1]
3.3
4.7
6.1
kΩ
R2/R1
bias resistor ratio
Tamb = 25 °C
[1]
8
10
12
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
-
2.5
pF
CC
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
3
pF
VCE = 5 V; IC = 10 mA; f = 100 MHz;
Tamb = 25 °C
[2]
-
230
-
MHz
fT
transition frequency
VCE = -5 V; IC = -10 mA; f = 100 MHz;
Tamb = 25 °C
[2]
-
180
-
MHz
[1] See section "Test information" for resistor calculation and test conditions.
[2] Characteristics of built-in transistor.
IC (mA)
10-1
102
10
1
006aac819
102
10
103
hFE
1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 3. NPN transistor: DC current gain as a function of
collector current; typical values
VCE (V)
0
5
4
2
3
1
aaa-018581
0.04
0.06
0.02
0.08
0.1
IC
(A)
0
IB = 0.07 mA
0.14 mA
0.21 mA
0.28 mA
0.35 mA
0.42 mA
0.70 mA
0.49 mA
0.63 mA
0.56 mA
Tamb = 25 °C
Fig. 4. NPN transistor: Collector current as a function
of collector-emitter voltage; typical values
PRMD13
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
14 September 2018
5 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com