Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G126DP-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G126DP-Q100
Description  Bus buffer/line driver; 3-state
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G126DP-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G126DP-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G126DP-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G126DP-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G126DP-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G126DP-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G126DP-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G126DP-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G126DP-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G126DP-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74LVC2G126-Q100
Bus buffer/line driver; 3-state
4. Marking
Table 2. Marking codes
Type number
Marking code [1]
74LVC2G126DP-Q100
V26
74LVC2G126DC-Q100
V26
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
001aah787
2A
1A
2OE
1OE
1Y
2Y
Fig. 1. Logic symbol
mna234
nOE
nA
nY
Fig. 2. Logic diagram (one gate)
6. Pinning information
6.1. Pinning
74LVC2G126-Q100
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
aaa-017813
1
2
3
4
6
5
8
7
Fig. 3. Pin configuration SOT505-2 (TSSOP8) and SOT765-1 (VSSOP8)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
1OE, 2OE
1, 7
output enable input (active HIGH)
1A, 2A
2, 5
data input
1Y, 2Y
6, 3
data output
GND
4
ground (0 V)
VCC
8
supply voltage
74LVC2G126_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 10 January 2019
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com