Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G16GF Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC3G16GF
Description  Triple buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3G16GF Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC3G16GF Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC3G16GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC3G16GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC3G16GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC3G16GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3G16GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3G16GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3G16GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3G16GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC3G16
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 11 October 2016
3 of 15
Nexperia
74LVC3G16
Triple buffer
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT505-2 (TSSOP8)
Fig 5.
Pin configuration SOT1089 (XSON8)
Fig 6.
Pin configuration SOT902-2 (XQFN8)
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2 and SOT1089
SOT902-2
1A, 2A, 3A
1, 3, 6
7, 5, 2
data input
1Y, 2Y, 3Y
7, 5, 2
1, 3, 6
data output
GND
4
4
ground (0 V)
VCC
8
8
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com