Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3F97 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUSB3F97
Description  ESD protection for ultra high-speed interfaces
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3F97 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUSB3F97 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3F97 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3F97 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3F97 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3F97 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3F97 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3F97 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3F97 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3F97 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
The device is designed to protect high-speed interfaces such as SuperSpeed USB,
High-Definition Multimedia Interface (HDMI), DisplayPort, external Serial Advanced
Technology Attachment (eSATA) and Low Voltage Differential Signaling (LVDS) interfaces
against ElectroStatic Discharge (ESD).
The device includes four high-level ESD protection diode structures for ultra high-speed
signal lines and is encapsulated in a leadless small DFN2510A-10 (SOT1176-1) plastic
package.
All signal lines are protected by a special diode configuration offering ultra low line
capacitance of only 0.5 pF. These diodes utilize a unique snap-back structure in order to
provide protection to downstream components from ESD voltages up to
10 kV contact
exceeding IEC 61000-4-2, level 4.
1.2 Features and benefits
System ESD protection for USB 2.0 and SuperSpeed USB 3.1, HDMI 2.0, DisplayPort,
eSATA and LVDS
All signal lines with integrated rail-to-rail clamping diodes for downstream
ESD protection of
10 kV exceeding IEC 61000-4-2, level 4
Matched 0.5 mm trace spacing
Signal lines with
 0.05 pF matching capacitance between signal pairs
Line capacitance of only 0.5 pF for each channel
Design-friendly ‘pass-through’ signal routing
1.3 Applications
The device is designed for high-speed receiver and transmitter port protection:
TVs and monitors
DVD recorders and players
Notebooks, main board graphic cards and ports
Set-top boxes and game consoles
PUSB3F97
ESD protection for ultra high-speed interfaces
Rev. 1 —
10 May 2017
Product data sheet


Similar Part No. - PUSB3F97

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
ESD protection for ultra high-speed interfaces
logo
NXP Semiconductors
PUSB3F96 PHILIPS-PUSB3F96_15 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
Rev. 3-29 September 2014
logo
Nexperia B.V. All right...
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
PUSB3F99X NEXPERIA-PUSB3F99X Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
logo
TECH PUBLIC Electronics...
PUSB3F99X-TP TECHPUBLIC-PUSB3F99X-TP Datasheet
2Mb / 4P
4-Lines Uni-directional Channels ESD protection
More results

Similar Description - PUSB3F97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
PUSB3FR4 PHILIPS-PUSB3FR4_15 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
Rev. 1-26 January 2015
PUSB3FR6 PHILIPS-PUSB3FR6_15 Datasheet
1Mb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1-25 February 2015
logo
Nexperia B.V. All right...
IP4292CZ10-TBR NEXPERIA-IP4292CZ10-TBR Datasheet
239Kb / 11P
ESD protection for ultra high-speed interfaces
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
ESD protection for ultra high-speed interfaces
PUSB3F4-TBR NEXPERIA-PUSB3F4-TBR Datasheet
479Kb / 15P
ESD protection for ultra high-speed interfaces
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
976Kb / 12P
ESD protection for ultra high-speed interfaces
PUSB3AB6 NEXPERIA-PUSB3AB6 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
PHDMI2AB4 NEXPERIA-PHDMI2AB4 Datasheet
811Kb / 14P
ESD protection for ultra high-speed interfaces
8 June 2018
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com