Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FR4 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PUSB3FR4
Description  ESD protection for ultra high-speed interfaces
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FR4 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PUSB3FR4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FR4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FR4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FR4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FR4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FR4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FR4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3FR4 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3FR4 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Nexperia
PUSB3FR4
ESD protection for ultra high-speed interfaces
VCL (V)
0
25
15
5
20
10
aaa-016322
25
IPP
(A)
0
5
10
15
20
tp = 100 ns; Transmission Line Pulse (TLP);
tr = 1 ns
Fig. 9. Dynamic resistance with positive clamping;
typical values
VCL (V)
-25
0
-10
-20
-5
-15
aaa-016323
0
IPP
(A)
-25
-20
-15
-10
-5
tp = 100 ns; Transmission Line Pulse (TLP);
tr = 1 ns
Fig. 10. Dynamic resistance with negative clamping;
typical values
VCL (V)
0
70
10
30
50
40
20
60
aaa-016324
70
IPP
(A)
0
10
20
30
40
50
60
tp = 5 ns; Transmission Line Pulse (TLP);
tr = 600 ps
Fig. 11. Dynamic resistance with positive clamping;
typical values
VCL (V)
-70
0
-60
-40
-20
-30
-50
-10
aaa-016325
0
IPP
(A)
-70
-60
-50
-40
-30
-20
-10
tp = 5 ns; Transmission Line Pulse (TLP);
tr = 600 ps
Fig. 12. Dynamic resistance with negative clamping;
typical values
PUSB3FR4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
12 July 2018
7 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com