Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC8T595 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC8T595
Description  Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T595 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC8T595 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Nexperia
74LVC8T595
Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
74LVC8T595
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 9 May 2017
4 / 33
5 Pinning information
5.1 Pinning
74LVC8T595
VCC(B)
VCC(A)
Q0
DS
Q1
OE
Q2
STCP
Q3
SHCP
Q4
MR
Q5
Q7S
Q6
GND
Q7
GND
GND
GND
aaa-026286
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
MR
aaa-026287
74LVC8T595
Transparent top view
GND
Q6
Q7
GND
Q5
Q7S
Q4
Q3
SHCP
Q2
STCP
Q1
OE
Q0
DS
GND(1)
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Figure 5. Pin configuration SOT360-1 (TSSOP20)
(1) This is not a supply pin. The substrate is attached to
this pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Figure 6. Pin configuration SOT764-1 (DHVQFN20)
5.2 Pin description
Table 2. Pin description
Symbol
Pin
Description
VCC(B)
1
supply voltage B (Qn outputs)
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7 2, 3, 4, 5, 6, 7, 8, 9 data output
GND
10, 11, 12, 13
ground (0 V)
Q7S
14
serial data output
MR
15
master reset input (active LOW)
SHCP
16
shift register clock input
STCP
17
storage register clock input
OE
18
output enable input (active LOW)
DS
19
serial data input
VCC(A)
20
supply voltage A (MR, SHCP, STCP, OE, DS inputs and Q7S
output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com