Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC30ABQ Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC30ABQ
Description  8-input NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC30ABQ Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC30ABQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC30ABQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC30ABQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC30ABQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC30ABQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC30ABQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC30ABQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC30ABQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC30ABQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
74LVC30A
8-input NAND gate
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC30AD
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC30APW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC30ABQ
-40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 x 3 x 0.85 mm
SOT762-1
4. Functional diagram
mna488
A
Y
1
8
B
2
C
3
D
4
E
5
F
6
G
11
H
12
Fig. 1. Logic symbol
8
&
mna489
1
2
3
4
5
6
11
12
Fig. 2. IEC logic symbol
B
A
C
D
F
E
G
H
mna490
Y
Fig. 3. Logic diagram
74LVC30A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 15 March 2019
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com