Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4340CX15 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # IP4340CX15
Description  6-channel filter for ESD protection of microSD memory card interfaces
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4340CX15 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  IP4340CX15 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4340CX15 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4340CX15 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4340CX15 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4340CX15 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4340CX15 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4340CX15 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4340CX15 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4340CX15 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IP4340CX15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 August 2012
3 of 14
NXP Semiconductors
IP4340CX15
6-channel filter for ESD protection of microSD memory card interfaces
3.
Ordering information
4.
Functional diagram
5.
Limiting values
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4340CX15/P
WLCSP15
wafer-level chip-size package; 15 bumps; 1.56
 1.56  0.47 mm
IP4340CX15/P
Fig 2.
Schematic diagram IP4340CX15
DDD
5
5
5
5
5
&/.
6'&/.
5
&0'
6'&0'
5
'$7$
6''$7$
5
'$7$
6''$7$
5
'$7$
6''$7$
5
'$7$
6''$7$
5
*1'
9&&
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.5
+5.0
V
VESD
electrostatic discharge voltage
IEC 61000-4-2, level 4, pins on
microSD card side
[1]
contact discharge
[2]
15
+15
kV
air discharge
15
+15
kV
IEC 61000-4-2, level 1, all other pins
contact discharge
2+2
kV
air discharge
2+2
kV
Pch
channel power dissipation
continuous power; Tamb =70 C-
25
mW
Ptot
total power dissipation
Tamb =70 C
-
100
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com