Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4787CZ32 Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # IP4787CZ32
Description  DVI and HDMI interface ESD protection, DDC/CEC buffering, hot plug handling and backdrive protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4787CZ32 Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button IP4787CZ32 Datasheet HTML 17Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 18Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 19Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 20Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 21Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 22Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 23Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 24Page - Nexperia B.V. All rights reserved IP4787CZ32 Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
IP4787CZ32
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
IP4787CZ32
Rev. 3 — 19 December 2014
20 of 35
NXP Semiconductors
IP4787CZ32
DVI and HDMI interface ESD and overcurrent protection
9.3 Operating and standby modes
The operating mode of IP4787CZ32 depends on the availability of the VCC(5V0) and
VCC(SYS) supply voltages and on the state of the ACTIVE input signal. Without availability
of both supplies, IP4787CZ32 is in Standby mode. As soon as VCC(5V0) and VCC(SYS) are
within the range specified in Section 6, the part is in an operating mode that can be
controlled via the ACTIVE input signal. In case ACTIVE is LOW, only the CEC buffer is
active and enabled to receive or send CEC commands. All other outputs are in a
high-ohmic state. A HIGH input signal enables all parts of IP4787CZ32 and puts the
device into full operating mode.
[1]
X = Don’t care (either LOW or HIGH level); L = LOW-level input; H = HIGH-level input
If no CEC Standby mode is required, or if no special Power-down modes are desired, the
ACTIVE pin can be pulled HIGH to VCC(5V0) or VCC(SYS) for continuous HDMI and CEC
operation as soon as the supplies are aviailable.
Strapping the ACTIVE = VCC(SYS) =VDD of ASIC guarantees that all interface signals
ending with the suffix ‘_SYS’ on the system side are disabled when VCC(SYS) goes LOW,
protecting the ASIC I/O signals from exceeding its local VDD. In this mode, even if VCC(5V0)
is powered, HDMI_5V0_CON goes active and hot plug events can be detected only when
the ASIC power supply rail is on.
Strapping ACTIVE = VCC(5V0) is the most basic configuration where the buffers are
enabled whenever the local VCC(5V0) and VCC(SYS) supplies reach minimum operating
levels.
Table 10.
IP4787CZ32 operating modes
VCC(SYS)
VCC(5V0)
ACTIVE[1] Mode
Description
< 1.1 V
< 4.5 V
X
Standby mode
all outputs high-ohmic
 1.1 V
 4.5 V
L
CEC Standby mode
CEC circuit active;
all other outputs high-ohmic
H
full operating mode
all functional blocks active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com