Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ16VTAL Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # MMBZ16VTAL
Description  High surge current unidirectional double ESD protection diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ16VTAL Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  MMBZ16VTAL Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ16VTAL Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ16VTAL Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ16VTAL Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ16VTAL Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ16VTAL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ16VTAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ16VTAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ16VTAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
MMBZ16VTAL
High surge current unidirectional double ESD protection diodes
MMBZ16VTAL
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
6 November 2017
4 / 12
tp (ms)
0
4.0
3.0
1.0
2.0
006aab319
50
100
150
IPP
(%)
0
50 % IPP; 1000 µs
100 % IPP; 10 µs
Fig. 3. 10/1000 µs pulse waveform according to IEC 61643-321
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tj = 25 °C
-
-
13
V
VBR
breakdown voltage
IR = 1 mA; Tj = 25 °C
[1]
15.68 16
16.32 V
IRM
reverse leakage
current
VRWM = 13 V; Tj = 25 °C
[1]
-
0.1
5
nA
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tj = 25 °C
[1]
-
76
95
pF
IPP = 11 A; tp = 8/20 µs; Tj = 25 °C
[2] [1] -
23
28
V
VCL
clamping voltage
IPP = 1.7 A; tp = 10/1000 µs; Tj = 25 °C [3] [1] -
19.5
23
V
[1] Measured from pin 1 or 2 to pin 3.
[2] According to IEC 61000-4-5.
[3] According to IEC 61643-321.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com