Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6501P045VCT Datasheet(PDF) 9 Page - Microchip Technology

Part # TC6501P045VCT
Description  Ultra Small Temperature Switches with Pin Selectable Hysteresis
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P045VCT Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC6501P045VCT Datasheet HTML 5Page - Microchip Technology TC6501P045VCT Datasheet HTML 6Page - Microchip Technology TC6501P045VCT Datasheet HTML 7Page - Microchip Technology TC6501P045VCT Datasheet HTML 8Page - Microchip Technology TC6501P045VCT Datasheet HTML 9Page - Microchip Technology TC6501P045VCT Datasheet HTML 10Page - Microchip Technology TC6501P045VCT Datasheet HTML 11Page - Microchip Technology TC6501P045VCT Datasheet HTML 12Page - Microchip Technology TC6501P045VCT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
 2004 Microchip Technology Inc.
DS21451D-page 9
TC6501/2/3/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Diagram
Part Number
Marking Code
Temperature
Threshold (°C)
TC6501P045VCT
HA
45
TC6501P065VCT
HC
65
TC6501P075VCT
HD
75
TC6501P095VCT
HF
95
TC6501P105VCT
HG
105
TC6501P115VCT
HH
115
TC6501P120VCT
HV
120
TC6501P125VCT
HJ
125
TC6502P045VCT
JA
45
TC6502P065VCT
JC
65
TC6502P075VCT
JD
75
TC6502P095VCT
JF
95
TC6502P115VCT
JH
115
TC6502P125VCT
JJ
125
TC6503N015VCT
KA
-15
TC6503P005VCT
KB
5
TC6504N015VCT
LA
-15
TC6504P005VCT
LB
5
Legend: 1-2
Part Number Marking Code*
3
Year and two-month period code
4
Lot ID
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
2
4
5
3
1
Note:
Please contact Microchip Technology for the availability of a particular temperature
threshold not included in Table 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com