Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXUSB30 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PESDXUSB30
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXUSB30 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PESDXUSB30 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESDXUSB30 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESDXUSB30 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXUSB30 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXUSB30 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXUSB30 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXUSB30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXUSB30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXUSB30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PESDXUSB30_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2016
3 of 19
Nexperia
PESDxUSB30 series
ESD protection for differential data lines
3.
Ordering information
4.
Marking
5.
Limiting values
Table 3.
Ordering information
Type number
Package
Name
Description
PESD1USB30
WLCSP5
wafer level chip-size package; 5 bumps (2-1-2)
PESD2USB30
WLCSP10
wafer level chip-size package; 10 bumps (4-2-4)
PESD3USB30
WLCSP15
wafer level chip-size package; 15 bumps (6-3-6)
Table 4.
Marking codes
Type number
Marking code
PESD1USB30
PD1S
PESD2USB30
PD2S
PESD3USB30
PD3S
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
-0.5
5
V
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4;
all input pins to ground
contact discharge
-15
15
kV
air discharge
-15
15
kV
IEC 61000-4-2, level 4;
all output pins to ground
contact discharge
-2
2
kV
air discharge
-2
2
kV
IPPM
rated peak-pulse
current
tp =8/20 s-8
8
A
Tstg
storage temperature
-40
+125
°C
Tamb
ambient temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com