Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3USB30 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PESD3USB30
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3USB30 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PESD3USB30 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PESDXUSB30_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2016
8 of 19
Nexperia
PESDxUSB30 series
ESD protection for differential data lines
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the
ESD protection during an ESD event. Do not connect unlimited DC current sources to the
data lines to avoid keeping the ESD protection device in snap-back state after exceeding
breakdown voltage (due to an ESD pulse for instance).
Transmission Line Pulse (TLP) = 100 ns
Transmission Line Pulse (TLP) = 100 ns
Fig 8.
Dynamic resistance with positive clamping;
typical values
Fig 9.
Dynamic resistance with negative clamping;
typical values
Transmission Line Pulse (TLP) = 5 ns
Transmission Line Pulse (TLP) = 5 ns
Fig 10. Dynamic resistance with positive clamping;
typical values
Fig 11. Dynamic resistance with negative clamping;
typical values
VCL (V)
025
20
10
15
5
aaa-021326
10
15
5
20
25
I
(A)
0
VCL (V)
-25
0
-5
-15
-10
-20
aaa-021327
-15
-10
-20
-5
0
I
(A)
-25
VCL (V)
025
20
10
15
5
aaa-021328
10
15
5
20
25
I
(A)
0
VCL (V)
-25
0
-5
-15
-10
-20
aaa-021329
-15
-10
-20
-5
0
I
(A)
-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com