Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXUSB3S Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PESDXUSB3S
Description  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXUSB3S Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PESDXUSB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXUSB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESDXUSB3S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESDXUSB3S Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESDXUSB3S Datasheet HTML 12Page - Nexperia B.V. All rights reserved PESDXUSB3S Datasheet HTML 13Page - Nexperia B.V. All rights reserved PESDXUSB3S Datasheet HTML 14Page - Nexperia B.V. All rights reserved PESDXUSB3S Datasheet HTML 15Page - Nexperia B.V. All rights reserved PESDXUSB3S Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
PESDxUSB3S series
ESD protection for differential data lines
WLCSP15: Solder footprint and stencil aperture
PESD3USB3S
pesd3usb3s_fr
solder resist opening (SR)
occupied area
solder land plus solder paste
solder paste deposit (SP)
solder land (SL)
Dimensions in mm
P1
SR
P
0.80 0.25
0.325
Hx
2.60
SL
0.25
SP
0.40
15-12-14
15-12-16
recommend stencil thickness: 0.1 mm
Hy
1.40
SL = SP
SR
detail X
see
detail X
P
P
P1
Hx
Hy
Fig. 20. Soldering footprint WLCSP15 (PESD3USB3S)
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 30 January 2019
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com