Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1USB3S Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PESD1USB3S
Description  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD1USB3S Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PESD1USB3S Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Nexperia
PESDxUSB3S series
ESD protection for differential data lines
t (ns)
40.70
4.13
40.11
40.90
aaa-021321
95
105
115
Zdif
(Ω)
85
Z reference
Z DUT
tr = 200 ps
Fig. 3. Differential Time Domain Reflectometer (TDR) plot; typical values
aaa-021322
Fig. 4. USB3.1 eye diagram 10 Gbps, test board with PESD3USB3S; typical values
aaa-021323
Fig. 5. USB3.1 eye diagram 10 Gbps, test board without device; typical values
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 30 January 2019
5 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com