Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2USB3S Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESD2USB3S
Description  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2USB3S Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESD2USB3S Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PESDxUSB3S series
ESD protection for differential data lines
Rev. 4 — 30 January 2019
Product data sheet
1. Product profile
1.1. General description
The devices are ElectroStatic Discharge (ESD) protection for one, two and three differential
channels.
The devices are footprint compatible to PCMFxUSB3S common mode filters with ESD protection.
Diodes provide protection to downstream components from ESD voltages up to ±15 kV on each
signal line.
Table 1. Product overview
Type number
Number of channels Package Name
PESD1USB3S
1
WLCSP5
PESD2USB3S
2
WLCSP10
PESD3USB3S
3
WLCSP15
1.2. Features and benefits
• Allows switching between PCMFxUSB3S common mode filters with ESD protection and
PESDxUSB3S ESD protection in the same footprint
• TrEOS protection process for very high system-level ESD robustness: superior protection of
sensitive Systems on Chips (SoCs)
• ESD protection for one, two and three differential channels up to ±15 kV contact discharge
according to IEC 61000-4-2
• Industry-standard WLCSP5, 10 and 15 packages for smallest footprint
1.3. Applications
• Smartphone, cellular and cordless phone
• USB3.1, USB2.0, HDMI2.0, HDMI1.4
• General-purpose downstream ESD protection for differential data lines
• Tablet PC and Mobile Internet Device (MID)
• MIPI D-PHY as used in Camera Serial Interface (CSI) and Display Serial Interface (DSI)


Similar Part No. - PESD2USB3S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD2USB3S NXP-PESD2USB3S Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3S NXP-PESD2USB3S Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3S NXP-PESD2USB3S Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESD2USB3S NEXPERIA-PESD2USB3S Datasheet
1,001Kb / 16P
ESD protection for differential data lines
Rev. 4 - 30 January 2019
logo
NXP Semiconductors
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
More results

Similar Description - PESD2USB3S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD3USB3SZ NXP-PESD3USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESDXUSB30 NEXPERIA-PESDXUSB30 Datasheet
3Mb / 19P
ESD protection for differential data lines
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
ESD protection for 48V lines
2 May 2022
PESDXUSB30_SER NEXPERIA-PESDXUSB30_SER Datasheet
3Mb / 19P
ESD protection for differential data lines
Rev. 2 - 26 April 2016
PESDXUSB3B_SER NEXPERIA-PESDXUSB3B_SER Datasheet
1Mb / 18P
ESD protection for differential data lines
Rev. 2 - 29 January
PESDXUSB3S_SER NEXPERIA-PESDXUSB3S_SER Datasheet
1,001Kb / 16P
ESD protection for differential data lines
Rev. 4 - 30 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com