Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC53PAS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BC53PAS
Description  45 V/60 V/80 V, 1 A PNP medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC53PAS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BC53PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC53PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC53PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC53PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC53PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC53PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC53PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC53PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC53PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC51_52_53PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2015
3 of 15
Nexperia
BC51PAS; BC52PAS; BC53PAS
45 V/60 V/80 V, 1 A PNP medium power transistors
4.
Marking
5.
Limiting values
Table 5.
Marking codes
Type number
Marking code
BC51PAS
C4
BC51-10PAS
C5
BC51-16PAS
C6
BC52PAS
C7
BC52-10PAS
C8
BC52-16PAS
C9
BC53PAS
CA
BC53-10PAS
CB
BC53-16PAS
CC
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
BC51PAS series
-
45
V
BC52PAS series
-
60
V
BC53PAS series
-
100
V
VCEO
collector-emitter voltage
open base
BC51PAS series
-
45
V
BC52PAS series
-
60
V
BC53PAS series
-
80
V
VEBO
emitter-base voltage
open collector
-
5V
IC
collector current
-
1A
ICM
peak collector current
single pulse; tp  1ms
-
2A
IB
base current
-
0.3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com