Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS80M1801 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS80M1801
Description  EMI Reduction IC for Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS80M1801 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS80M1801 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS80M1801 Datasheet HTML 2Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
Alliance Semiconductor
AS80M1800/1801 Product Brief
2003 (c) Copyright Alliance Semiconductor Corporation. All rights reserved.
January 2003
Key Features
• Compatible with most PWM controllers
Works with both current mode and voltage mode
PWM controllers.
• Input frequency ranges:
50 KHz to 400 KHz (AS80M1800)
400 KHz to 1 MHz (AS80M1801)
This is the input frequency range the device can
accommodate from the external PWM controller.
• Wide input PWM duty cycle range of 10% to 90%
Supports an extremely wide range of line and load
regulation conditions.
• Output drive current of 200 mA
Drives most popular power MOSFETs used in
SMPS designs.
• Supply voltage range of 7 V to 20 V
• Under voltage lockout
• Spread spectrum modulation with adjustable spread
• Output short circuit sense with adjustable level and
automatic recovery
• No-load condition sense
• Power savings feature
Frequency skip at no-load allows implementation
of Energy Star and other next generation power
savings modes
• Loss of input detect
Protects SMPS from catastrophic failure by shut-
ting off the output driver if the input PWM signal is
lost
• Under voltage lock-out
Protects SMPS from catastrophic failure by shut-
ting off the output drive if the supply voltage drops
below input VCC range
• Available in 8-pin SOIC package
Device Block Diagram
AS80M1800: 50 KHz to 400 KHz
AS80M1801: 400 KHz to 1 MHz
UVLO
SS
modulator
200 mA
buffer
Loss of
drive detect
Load monitor
&
recovery
Gate drive
Current sense
Current adjust
Modulation rate
Spread range
PWM_in



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com