Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI4QFN Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # PEMI4QFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI4QFN Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button PEMI4QFN Datasheet HTML 17Page - Nexperia B.V. All rights reserved PEMI4QFN Datasheet HTML 18Page - Nexperia B.V. All rights reserved PEMI4QFN Datasheet HTML 19Page - Nexperia B.V. All rights reserved PEMI4QFN Datasheet HTML 20Page - Nexperia B.V. All rights reserved PEMI4QFN Datasheet HTML 21Page - Nexperia B.V. All rights reserved PEMI4QFN Datasheet HTML 22Page - Nexperia B.V. All rights reserved PEMI4QFN Datasheet HTML 23Page - Nexperia B.V. All rights reserved PEMI4QFN Datasheet HTML 24Page - Nexperia B.V. All rights reserved PEMI4QFN Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
20 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
Fig 12. Package outline PEMI8QFN (SOT1159-1/HXSON16)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1159-1
- - -
- - -
- - -
sot1159-1_po
09-12-16
09-12-17
Unit(1)
mm
max
nom
min
0.5
0.05
0.00
0.25
0.20
0.15
3.4
3.3
3.2
2.9
2.8
2.7
1.3
1.2
1.1
0.4
2.8
0.30
0.25
0.20
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 maximum per side are not included.
HXSON16: plastic thermal enhanced extremely thin small outline package; no leads;
16 terminals; body 1.2 x 3.3 x 0.5 mm
SOT1159-1
A1
A3
0.127
bD
D2
EE2
0.35
0.30
0.25
ee1
k
0.2
Lv
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
X
C
y
C
y1
b
e1
e
A
C
B
v
C
w
terminal 1
index area
D2
E2
L
k
16
9
1
8
B
A
terminal 1
index area
D
E
detail X
A
A1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com