Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI6CSP/RT Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PEMI6CSP/RT
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI6CSP/RT Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PEMI6CSP/RT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMI6CSP/RT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMI6CSP/RT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMI6CSP/RT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMI6CSP/RT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMI6CSP/RT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMI6CSP/RT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMI6CSP/RT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMI6CSP/RT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1.
Product profile
1.1 General description
The devices are a family of 4-, 6- and 8-channel RC low pass filters which are designed to
provide filtering of undesired RF signals on the I/O ports of portable communication or
computing devices. In addition the devices incorporate diodes to provide protection to
downstream components from ElectroStatic Discharge (ESD) voltages up to
20 kV.
The PEMIxCSP family is fabricated using monolithic silicon technology and integrates
up to eight resistors and 16 protection diodes in a single Wafer Level Chip-Size
Package (WLCSP).
These features make the devices ideal for use in applications requiring the utmost in
miniaturization such as mobile phone handsets, cordless telephones and personal digital
devices.
1.2 Features and benefits
Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (Dark Green compliant)
Integrated 4-, 6- and 8-channel
-type RC filter network
Channel series resistance Rs(ch) =100 
Channel capacitance Cch = 23 or 30 pF at Vbias(DC) =2.5 V
Channel capacitance Cch = 41 or 54 pF at Vbias(DC) =0V
Available in 10, 15 and 20-ball WLCSP
ESD protection up to
20 kV contact discharge according to IEC 61000-4-2,
far exceeding level 4
1.3 Applications
General-purpose ElectroMagnetic Interference (EMI) and Radio-Frequency
Interference (RFI) filtering and downstream ESD protection for:
Cellular phone and Personal Communication Systems (PCS) mobile handsets
Cordless telephones
Wireless data (WAN/LAN) systems
PEMIxCSP family
Integrated 4-, 6- and 8-channel passive filter network with
ESD protection
Rev. 2 — 27 January 2012
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com