Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI6CSP/RW Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PEMI6CSP/RW
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI6CSP/RW Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PEMI6CSP/RW Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMI6CSP/RW Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMI6CSP/RW Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMI6CSP/RW Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMI6CSP/RW Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMI6CSP/RW Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMI6CSP/RW Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMI6CSP/RW Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMI6CSP/RW Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
9 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
Fig 12. Package outline PEMI6CSP (WLCSP15)
wlcsp15_6-3-6_po
European
projection
WLCSP15: wafer level chip-size package; 15 bumps (6-3-6)
detail X
A
A2
A1
D
E
bump A1
index area
X
e2
e
e1
e3
b
12
4
36
5
A
B
C
1/2 e
B1
B2
B3
Table 8.
Package outline dimensions of PEMI6CSP
Symbol
Min
Typ
Max
Unit
A
0.570.610.65mm
A1
0.18
0.20
0.22
mm
A2
0.39
0.41
0.43
mm
b
0.210.260.31mm
D
2.312.362.41mm
E
1.001.051.10mm
e-
0.4
-
mm
e1
-0.346
-mm
e2
-0.692
-mm
e3
-0.8
-mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com