Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMI8CSP/RT/P Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PEMI8CSP/RT/P
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI8CSP/RT/P Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PEMI8CSP/RT/P Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMI8CSP/RT/P Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMI8CSP/RT/P Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMI8CSP/RT/P Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMI8CSP/RT/P Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMI8CSP/RT/P Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMI8CSP/RT/P Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMI8CSP/RT/P Datasheet HTML 14Page - Nexperia B.V. All rights reserved PEMI8CSP/RT/P Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
10 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
Fig 13. Package outline PEMI8CSP (WLCSP20)
wlcsp20_8-4-8_po
European
projection
WLCSP20: wafer level chip-size package; 20 bumps (8-4-8)
detail X
A
A2
A1
D
E
bump A1
index area
e2
e
e1
e3
b
3
2
16
5
48
7
A
B
C
1/2 e
X
B1
B2
B3
B4
Table 9.
Package outline dimensions of PEMI8CSP
Symbol
Min
Typ
Max
Unit
A
0.570.610.65mm
A1
0.18
0.20
0.22
mm
A2
0.39
0.41
0.43
mm
b
0.210.260.31mm
D
3.11
3.16
3.21
mm
E
1.001.051.10mm
e-
0.4
-
mm
e1
-0.346
-mm
e2
-0.692
-mm
e3
-0.8
-mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com