Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G97GS Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G97GS
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G97GS Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G97GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 20Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Nexperia
74LVC1G97
Low-power configurable multiple function gate
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1255
sot1255_po
15-07-20
15-07-22
Unit
mm
max
nom
min
0.35 0.04
0.30 0.85
0.20 0.10
0.05
A
Dimensions (mm are the original dimensions)
X2SON6: plastic thermal enhanced extremely thin small outline package; no leads;
6 terminals; body 1.0 x 0.8 x 0.35 mm
SOT1255
A1
D
1.05
Dh
E
e1
e2
b
0.25
L
v
y
0.05
y1
0.32 0.02
0.25 0.80 0.60 0.40
1.00
0.17
0.22
0.30 0.00
0.22 0.75
0.95
0.25
0.30
0
1 mm
scale
A
B
pin 1
ID area
X
L
(4x)
e1
1
6
Dh
(2x)
3
4
5
2
e2
A B
v
D
E
C
y
C
y1
detail X
A
A1
b
(4x)
Fig. 26. Package outline SOT1255 (X2SON6)
74LVC1G97
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 6 — 8 August 2018
17 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com