Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124XMB Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PDTC124XMB
Description  NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XMB Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PDTC124XMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124XMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124XMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124XMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124XMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124XMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124XMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124XMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124XMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PDTC124XMB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 26 June 2012
2 of 11
NXP Semiconductors
PDTC124XMB
NPN resistor-equipped transistor; R1 = 22 k
Ω, R2 = 47 kΩ
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
I
input (base)
DFN1006B-3 (SOT883B)
2
G
GND (emitter)
3
O
output (collector)
3
1
2
Transparent
top view
sym007
3
2
1
R1
R2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PDTC124XMB
DFN1006B-3
Leadless ultra small plastic package; 3 solder lands;
body 1.0 x 0.6 x 0.37 mm
SOT883B
Table 4.
Marking codes
Type number
Marking code
PDTC124XMB
0011 1001
Fig 1.
DFN1006B-3 (SOT883B) binary marking code description
MARKING CODE
(EXAMPLE)
PIN 1 INDICATION
READING DIRECTION
READING DIRECTION
READING EXAMPLE:
0111
1011
006aac673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com