Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC1740 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC1740
Description  NPN EPITAXIAL SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1740 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC1740 Datasheet HTML 1Page - Continental Device India Limited CSC1740 Datasheet HTML 2Page - Continental Device India Limited CSC1740 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN EPITAXIAL SILICON PLANAR TRANSISTOR
CSC 1740
TO-92
Plastic Package
General Small Signal Amplifier
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
BVCEO
50(ORS)
V
40(E)
Collector Base Voltage
BVCBO
60(ORS)
V
50(E)
Emitter Base Voltage
BVEBO
5V
Collector Current (DC)
IC
150
mA
Collector Power Dissipation
PC
300
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA,IB=0
50(ORS)
V
40(E)
V
Collector Base Voltage
VCBO
IC=50µA,IE=0
60(ORS)
V
50(E)
V
Emitter Base Voltage
VEBO
IE=50µA, IC=0
5
Collector Cut off Current
ICBO
VCB=30V, IE = 0
0.5
µA
Emitter Cut off Current
IEBO
VBE=4V, IC = 0
0.5
µA
DC Current Gain
hFE
VCE=6V,IC=0.1mA
120
820
µA
Collector Emitter Saturation
VCE(sat)
IC=50mA,IB=5.0mA
0.4
V
Voltage
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=2.0mA, VCE=12V
180
MHz
f=100MHz
Collector Output Capacitance
Cob
IE=0, VCB=12V
3.5
pF
f=1MHz
* hFE CLASSIFICATION :
O : 120-270
R : 180-390
S: 270-560
E:390-820
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSC1740

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1730 CDIL-CSC1730 Datasheet
184Kb / 3P
NPN SILICON EPITAXIAL RF TRANSISTOR
More results

Similar Description - CSC1740

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com