Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP1T57GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T57GS
Description  Dual supply configurable multiple function gate
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T57GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1T57GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Nexperia
74AXP1T57
Dual supply configurable multiple function gate
74AXP1T57
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 5 — 3 July 2017
7 / 24
10 Static characteristics
Table 8. Static characteristics
At recommended operating conditions, unless otherwise specified; voltages are referenced to GND (ground = 0 V).
Tamb = -40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ 25 °C Max 25 °C Max 85 °C
Unit
see Figure 13 and Figure 14
VCCI = 0.75 V to 0.85 V
0.3VCCI
-
0.8VCCI
0.8VCCI
V
VCCI = 1.1 V to 1.95 V
0.4VCCI
-
0.7VCCI
0.7VCCI
V
VT+
positive-going
threshold
voltage
VCCI = 2.3 V to 2.7 V
0.9
-
1.7
1.7
V
see Figure 13 and Figure 14
VCCI = 0.75 V to 0.85 V
0.2VCCI
-
0.7VCCI
0.7VCCI
V
VCCI = 1.1 V to 1.95 V
0.3VCCI
-
0.6VCCI
0.6VCCI
V
VT-
negative-going
threshold
voltage
VCCI = 2.3 V to 2.7 V
0.7
-
1.5
1.5
V
see Figure 13 and Figure 14
VCCI = 0.75 V to 0.85 V
0.06VCCI
-
0.5VCCI
0.5VCCI
V
VCCI = 1.1 V to 1.95 V
0.1VCCI
-
0.4VCCI
0.4VCCI
V
VH
hysteresis
voltage
VCCI = 2.3 V to 2.7 V
0.2
-
1.0
1.0
V
IO = -2 mA; VCCO = 1.2 V
[1]
-
1.05
-
-
V
IO = -3 mA; VCCO = 1.4 V
1.05
-
-
-
V
IO = -4.5 mA; VCCO = 1.65 V
1.2
-
-
-
V
IO = -8 mA; VCCO = 2.3 V
1.7
-
-
-
V
IO = -10 mA; VCCO = 3.0 V
2.2
-
-
-
V
VOH
HIGH-level
output
voltage
IO = -12 mA; VCCO = 4.5 V
3.7
-
-
-
V
IO = 2 mA; VCCO = 1.2 V
[1]
-
0.18
-
-
V
IO = 3 mA; VCCO = 1.4 V
-
-
0.35
0.35
V
IO = 4.5 mA; VCCO = 1.65 V
-
-
0.45
0.45
V
IO = 8 mA; VCCO = 2.3 V
-
-
0.7
0.7
V
IO = 10 mA; VCCO = 3.0 V
-
-
0.8
0.8
V
VOL
LOW-level
output
voltage
IO = 12 mA; VCCO = 4.5 V
-
-
0.8
0.8
V
II
input leakage
current
VI = 0 V to 2.75 V;
VCCI = 0 V to 2.75 V
[1]
-
±0.001
±0.1
±0.5
μA
IOZ
OFF-state
output
current
VO = 0 V to 5.5 V;
VCCO = 1.2 V to 5.5 V
-
±0.001
±0.1
±0.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com