Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116T Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS116T
Description  Single low leakage current switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116T Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS116T Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1.
Product profile
1.1 General description
Single low leakage current switching diode, encapsulated in an ultra small
SOT416 (SC-75) Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp  300 s;  0.02.
[2]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
2.
Pinning information
BAS116T
Single low leakage current switching diode
Rev. 2 — 9 July 2012
Product data sheet
High switching speed: trr =0.8 s
Low capacitance: Cd =2pF
Low leakage current: 3 pA
Reverse voltage: VR  75 V
Repetitive peak reverse voltage:
VRRM  85 V
Ultra small SMD plastic package
AEC-Q101 qualified
Low leakage current applications
Voltage clamping
General-purpose switching
Reverse polarity protection
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] --
215
mA
IR
reverse current
VR =75V
-
-
5
nA
VR
reverse voltage
-
-
75
V
trr
reverse recovery time
[2] --
3
s
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
anode
2
not connected
3
cathode
12
3
006aaa764
3
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com