Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP56H Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCP56H
Description  80 V, 1 A NPN medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56H Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCP56H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BCP56H_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 23 November 2016
2 of 16
Nexperia
BCP56H series
80 V, 1 A NPN medium power transistors
[1]
Pulse test: tp  300 s;  =0.02
2.
Pinning information
3.
Ordering information
4.
Marking
hFE
DC current gain
VCE =2V; IC =150 mA [1] 63
-
250
BCP56-10H
VCE =2V; IC =150 mA [1] 63
-
160
BCP56-16H
VCE =2V; IC =150 mA [1] 100
-
250
Table 2.
Quick reference data …continued
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1B
base
2
C
collector
3
E
emitter
4
C
collector
13
2
4
sym123
C
E
B
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BCP56H
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
BCP56-10H
BCP56-16H
Table 5.
Marking codes
Type number
Marking code
BCP56H
BCP56H
BCP56-10H
P5610H
BCP56-16H
P5616H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com