Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT107 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECT107
Description  ECM TCXO Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ECT107 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECT107 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM TCXO Crystal Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
§ 1MHz to 20MHz
§ Wide Temperature Options
§ Competitive Prices
§ Internal or External Trimmer
§ Custom Options
Parameter
Specification
Notes
Frequency Range
1.0MHz to 20.0MHz
Specify
Temperature
Stability
+/-0.2ppm +15
0C to+350C (A)
+/-0.5ppm +15
0C to+350C (B)
+/-0.5ppm
0
0C to+550C (C)
+/-1.0ppm
0
0C to+550C (D)
+/-0.5ppm -10
0C to+600C (E)
+/-1.0ppm -10
0C to+600C (F)
+/-2.0ppm -10
0C to+600C (G)
+/-2.0ppm -20
0C to+700C (H)
Specify
Aging
+/-1.0ppm / yr
Standard
Supply Voltage
+5Vdc
(X)
+12Vdc
(Y)
+15 Vdc
(Z)
Specify
Supply Current
15mA (max)
Output
10LSTTL
(T)
CMOS
(C)
Clipped Sine 2V p-p 1K
Ω load (Z)
Sinewave 0.6Vrms 1K
Ω load
(S)
Specify
Operating Temp
-20
0C to +700C
Storage Temp
-40
0C to +1000C
Trim Range
+/-5ppm min 10K
Ω trimmer
Internal
(I)
External
(E)
Specify
Part Numbering:ECT107 C 8.192 F
X E
Type
Output
Frequency
Stability
Supply Voltage
Trimmer
Environmental & Mechanical
Temperature
Cycle
JIS-C-6701
Shock
JIS-C-6701
Vibration
JIS-C-6701
Soldering
Condition
5 seconds @ 250
0C
3 seconds @ 350
0C
ECT107 Series
A
B
C
D
E
F
G
36.0
26.0
10.0
7.5
8.9
25.4
0.8
Dimensions in mm
Pin
1
2
3
4
5
Connection
Trimmer*
Vcc
Output
0V
* external if used


Similar Part No. - ECT107

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECT107 ECM-ECT107 Datasheet
84Kb / 1P
TCXO Crystal Oscillator
ECT107C8.192FXE ECM-ECT107C8.192FXE Datasheet
84Kb / 1P
TCXO Crystal Oscillator
More results

Similar Description - ECT107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
ECM Programmable Oscillator
logo
Epson Company
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
List of Unclassifed Man...
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
ECM Surface Mount Crystal
logo
ECM Electronics Limited...
ECT107 ECM-ECT107 Datasheet
84Kb / 1P
TCXO Crystal Oscillator
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
5925A NDK-5925A Datasheet
78Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5921A NDK-5921A Datasheet
91Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com