Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS2540MB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PBSS2540MB
Description  40 V, 0.5 A NPN low VCEsat (BISS) transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS2540MB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PBSS2540MB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS2540MB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS2540MB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS2540MB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS2540MB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS2540MB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS2540MB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS2540MB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS2540MB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
PBSS2540MB
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 4 April 2012
4 of 12
Nexperia
PBSS2540MB
40 V, 0.5 A NPN low VCEsat (BISS) transistor
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1][2]
-
-
500
K/W
[3][2]
-
-
212
K/W
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for collector 1 cm2
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab603
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
006aac985
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com