Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3F96 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PUSB3F96
Description  ESD protection for ultra high-speed interfaces
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3F96 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PUSB3F96 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3F96 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3F96 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3F96 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3F96 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3F96 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3F96 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3F96 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3F96 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PUSB3F96
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 29 September 2014
4 of 15
NXP Semiconductors
PUSB3F96
ESD protection for ultra high-speed interfaces
differential mode
Fig 1.
Insertion loss; typical values
Fig 2.
Relative capacitance as a function of input
voltage; typical values
Sdd21 normalized to 100
;
differential pairs CH1/CH2 versus CH3/CH4
tr = 200 ps; differential pair CH1 + CH2
(1) PUSB3F96 on reference board
(2) Reference board without device under test (DUT)
Fig 3.
Crosstalk; typical values
Fig 4.
Differential Time Domain Reflectometer (TDR)
plot; typical values
aaa-009367
-6
-10
-2
2
Sdd21
(dB)
-14
f (MHz)
106
1010
109
107
108
VI (V)
05
4
23
1
aaa-009368
0.4
0.8
1.2
a
0
a
C
line
C
line V
I
0 V
=

---------------------------------
=
aaa-009369
-40
-20
0
Sdd21
(dB)
-60
f (MHz)
106
1010
109
107
108
t (ns)
40.0
42.0
41.5
40.5
41.0
aaa-009370
100
90
110
120
Zdif
(Ω)
80
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com