Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN035-100LS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN035-100LS
Description  N-channel DFN3333-8 100 V 32 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN035-100LS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN035-100LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN035-100LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN035-100LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN035-100LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN035-100LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN035-100LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN035-100LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN035-100LS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN035-100LS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PSMN035-100LS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 12 December 2011
6 of 14
NXP Semiconductors
PSMN035-100LS
N-channel DFN3333-8 100 V 32 m
Ω standard level MOSFET
Source-drain diode
VSD
source-drain voltage
IS =15 A; VGS =0V; Tj =25 °C;
see Figure 17
-
0.85
1.2
V
trr
reverse recovery time
IS =15 A; dIS/dt = 100 A/µs;
VGS =0V; VDS =50V
-52
-ns
Qr
recovered charge
-
102
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 7.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
Fig 8.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003a a e 357
0
10
20
30
40
0
1020
3040
ID (A)
gfs
(S)
003a a e 356
0
10
20
30
0246
VGS (V)
ID
(A)
Tj = 25 °C
Tj = 150 °C
003a a e 359
0
500
1000
1500
2000
02
468
VGS (V)
C
(pF)
Ciss
Crss
003a a e 360
0
20
40
60
80
100
0
5
10
15
20
VGS (V)
RDSon
(m
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com