Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN014-60LS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN014-60LS
Description  N-channel DFN3333-8 60 V 14 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN014-60LS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN014-60LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN014-60LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1.
Product profile
1.1 General description
Standard level N-channel MOSFET in DFN3333-8 package qualified to 150 °C. This
product is designed and qualified for use in a wide range of industrial, communications
and power supply equipment.
1.2 Features and benefits
High efficiency due to low switching
and conduction losses
Small footprint for compact designs
Suitable for standard level gate drive
sources
1.3 Applications
DC-to-DC converters
Lithium-ion battery protection
Load switching
1.4 Quick reference data
PSMN014-60LS
N-channel DFN3333-8 60 V 14 m
Ω standard level MOSFET
Rev. 3 — 8 December 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
-
60
V
ID
drain current
Tmb =25°C; VGS =10V;
see Figure 1
--40
A
Ptot
total power dissipation
Tmb = 25 °C; see Figure 2
--65
W
Tj
junction temperature
-55
-
150
°C
Static characteristics
RDSon
drain-source on-state resistance
VGS =10V; ID =10A; Tj =100 °C;
see Figure 11
--22
m
Ω
VGS =10V; ID =10A; Tj = 25 °C; see
Figure 12
-11
14
m
Ω
Dynamic characteristics
QGD
gate-drain charge
VGS =10V; ID =15A; VDS =30V;
see Figure 13; see Figure 14
-4.5
-nC
QG(tot)
total gate charge
-
19.6
-
nC
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS =10V; Tj(init) =25°C; ID =40A;
Vsup ≤ 60 V; unclamped; RGS =50 Ω
--42
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com