Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7443D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7443D
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR WITH AGC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7443D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7443D Datasheet HTML 1Page - STMicroelectronics TDA7443D Datasheet HTML 2Page - STMicroelectronics TDA7443D Datasheet HTML 3Page - STMicroelectronics TDA7443D Datasheet HTML 4Page - STMicroelectronics TDA7443D Datasheet HTML 5Page - STMicroelectronics TDA7443D Datasheet HTML 6Page - STMicroelectronics TDA7443D Datasheet HTML 7Page - STMicroelectronics TDA7443D Datasheet HTML 8Page - STMicroelectronics TDA7443D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
TDA7443D
Bstep
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
33
44
55
k
TREBLE CONTROL
GT
Control Range
Max. Boost/Cut
±13
±14
±15
dB
Tstep
Step Resolution
1
2
3
dB
RT
Internal Feedback Resistance
25
k
BALANCE CONTROL
ABALmin
Minimum Attenuation
-1
0
1
dB
ABALmax Maximum Attenuation
61
63
65
dB
ABALstep Step Resolution
1
dB
EA
Attenuation set error
AV = 0 to –24 dB
-1
0
1
dB
AV = –24 to –63 dB
-2
0
2
dB
VDC
DC Steps
Adjacent att. steps
-3
0
3
mV
AUDIO OUTPUTS
VOCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
RL
Output Load Resistance
2
k
VOUT
DC Voltage Level
4.5
V
NO(OFF)
Output Noise (OFF)
BW=20Hz to 20kHz;
All gains 0dB;
Output muted
flat
5
10
15
µV
µV
NO(MUS) Output Noise (Music)
BW=20Hz to 20kHz;
Mode=Music
30
µV
NO(PS)
Output Noise(Pseudo Stereo)
BW=20Hz to 20kHz;
Mode=Pseudo Stereo
30
µV
AMUTE
Output Mute Condition
90
dB
S/N
Signal to Noise Ratio
All gains 0dB;VO = 1Vrms
100
dB
SC
Channel Separation Left/Right
90
dB
d
Distortion
AV = 0; VI = 1Vrms
0.01
0.1
%
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
2.5
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage (ACK)
IO = 1.6mA
0.4
0.8
V
ELECTRICAL CHARACTERISTICS (continued)
(Refer to the test circuit Tamb=25C, Vs=9V, f=1kHz ,all controls flat, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com