Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT393D-Q100 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HCT393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT393D-Q100 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HCT393D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT393D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCT393D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCT393D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HCT393D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HCT393D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2014
10 of 20
Nexperia
74HC393-Q100; 74HCT393-Q100
Dual 4-bit binary ripple counter
fclk(max)
maximum
clock
frequency
see Figure 9
VCC = 2.0 V
6
30
-
5
-
4
-
MHz
VCC = 4.5 V
30
90
-
24
-
20
-
MHz
VCC = 5 V; CL = 15 pF
-
99
-
-
-
-
-
MHz
VCC = 6.0 V
35
107
-
28
24
-
MHz
CPD
power
dissipation
capacitance
CL =50pF;f=1 MHz;
VI =GND to VCC
[3]
-23
-
-
-
-
-
pF
74HCT393-Q100
tpd
propagation
delay
nCP to nQ0; see Figure 9
[1]
VCC = 4.5 V
-
15
25
-
31
-
38
ns
VCC =5V; CL =15pF
-
20
-
-
-
-
-
ns
nQx to nQ(x
1);
see Figure 9
[1]
VCC = 4.5 V
-
6
10
-
13
-
15
ns
VCC =5V; CL =15pF
-
6
-
-
-
-
-
ns
tPHL
HIGH to
LOW
propagation
delay
nMR to nQx; see Figure 10
VCC = 4.5 V
-
18
32
-
40
-
48
ns
VCC =5V; CL =15pF
-
15
-
-
-
-
-
ns
tt
transition
time
Qn; see Figure 9
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
nCP HIGH or LOW;
see Figure 9
VCC = 4.5 V
19
11
-
24
-
29
-
ns
nMR HIGH; see Figure 10
VCC = 4.5 V
16
6
-
20
-
24
-
ns
trec
recovery
time
nMR to nCP;
see Figure 10
VCC = 4.5 V
5
0
-
5
-
5
-
ns
fclk(max)
maximum
clock
frequency
see Figure 9
VCC = 4.5 V
27
48
-
22
-
18
-
MHz
VCC =5V; CL =15pF
-
53
-
-
-
-
-
MHz
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 11.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com