Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3KB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S3KB
Description  3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S3KB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S3KB Datasheet HTML 1Page - List of Unclassifed Manufacturers S3KB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


  

     

       

  

!"
    
!"
    
!"
    
!"
! "  #$$% 
!"
 
!"
 & "
!"
 ' () 
 " *+&!,
 -


!"
.'  
!"
/.  0 
'&/ &12$0' ( 3$34
!"
 . (   ( 5 (
!"
'%./ 5
!"
6( .$73#8 97:





 
  ! "

 

       
 #$%&'&'( !$)
 * %)#$%&'( !$)
 +! %)( !$)
(
(
(
,
,,
,,
-,,
.,,
/,,
,,,
(
 &&'( !$)
(

0,
-,
/,
- ,
.,
0,,
(
 '$)&"1     0
2 ,

 3 4&'#$%5 $" )  
 /)! $!4$'  "  
 $"! $"678+8 "9
2
,,

5 $"( !$)2,
(
 ,
(
#$%&'  
&$"+! %)( !$) 
2
,
,
:
 &'& ';63 9
 
:
 ;$!7  $$$63  9
 
.,
5
 ;$! $!&$63 9
&

<*
 1$)$" $)$ &$)
 
4. =,


3  $ " 2,>2,>2
, >

$ "$,?@$"$!"'' !$) -,(+

 " # $" /,
!$"$$

 


!

, ,6A9
, -6. 9

, .,6..,9
, /,609

,,/6 09
, /6 9

,,,.6,9
,,
,, 6,9
"
,,6009
, ,6/9
#
 ,,0A6 ,,9
,,6 . 9

,,, 6,,9
,,,/6, ,9
$
,,,6,0.9
,,,6 09
  %&


Similar Part No. - S3KB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3KB DIODES-S3KB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
Won-Top Electronics
S3KB WTE-S3KB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3KB TSC-S3KB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3KB TSC-S3KB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
logo
Galaxy Semi-Conductor H...
S3KB BILIN-S3KB Datasheet
117Kb / 2P
SURFACE MOUNT RECTIFIER
More results

Similar Description - S3KB

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3A DIODES-S3A_10 Datasheet
135Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 14 - 2
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 17
S3J-13-F DIODES-S3J-13-F Datasheet
271Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 18
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3AB-13 DIODES-S3AB-13 Datasheet
248Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 17
S3KB-13 DIODES-S3KB-13 Datasheet
271Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 18
logo
Zibo Seno Electronic En...
S3ABF ZSELEC-S3ABF Datasheet
88Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF3A ZSELEC-GF3A Datasheet
72Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com