Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV27 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BCV27
Description  NPN Darlington Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BCV27 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BCV27 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BCV27 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BCV27 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 / 3
www.pingjingsemi.com
Revision:1.0 Aug-2018
BCV27/BCV47
NPN Darlington Transistors
Electrical Characteristics Curves
0.4
0.6
1.6
1.8
0
100
200
300
400
500
1
0
3
6
9
12
15
1
10
100
1000
0
25
125
150
0
100
200
300
1
0.5
1.0
1.5
2.0
1
0
200
400
600
800
1000
1200
0
10
0
50
100
150
200
250
V
CE=5V
T
a=25
T
a=100
oC
0.8
1.0
1.2
1.4
BASE-EMITTER VOLTAGE
V
BE(V)
I
C
——
V
BE
20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
10
REVERSE VOLTAGE V (V)
V
CB /
V
EB
C
ob
/ C
ib
——
C
ib
C
ob
V
CE= 5V
T
a=100
oC
T
a=25
oC
10
100
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
500
50
75
100
AMBIENT TEMPERATURE T
a
( )
P
c
——
T
a
500
10
100
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
=1000
I
C
V
BEsat
——
500
T
a=25
T
a=100
=1000
V
CEsat
——
I
C
10
100
COLLECTOR CURRENT I
C
(mA)
4.0uA
3.6uA
3.2uA
2.8uA
COMMON
EMITTER
T
a=25
1.6uA
2.4uA
2.0uA
1.2uA
0.8uA
I
B=0.4uA
2
4
6
8
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com