Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT493 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMMT493
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMMT493 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMMT493 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT493 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT493 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT493 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FMMT593
PNP Transistor
www.pingjingsemi.com
3 / 4
Revison:1.0 Apr-2019
-200
-400
-600
-800
-1000
-0
-200
-400
-600
-800
-1000
0
1
-
1
-
1
.
0
-
1
10
100
1000
-0
-20
-40
-60
-80
-100
0
20
40
60
80
100
120
0
0
0
1
-
0
0
1
-
0
1
-
1
-
10
100
1000
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0
0
0
1
-
0
0
1
-
0
1
-
1
-
-200
-400
-600
-800
-1000
0
0
0
1
-
0
0
1
-
0
1
-
1
-
-0
-200
-400
-600
-800
-1000
-0
-1
-2
-3
-4
-5
-6
-7
-8
-0
-50
-100
-150
-200
-250
-300
-350
-400
V
CE=-5V
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C ——
V
BE
-20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=-10V
T
a=25
oC
I
C
f
T
——
V
CE= -5V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
-2.8mA
I
B=-4.0
、
-3.6、-3.2mA
COMMON
EMITTER
T
a=25
℃
-1.6mA
-2.4mA
-2.0mA
-1.2mA
-0.8mA
I
B=-0.4mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com