Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT8050 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBT8050
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBT8050 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBT8050 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT8050 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT8050 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT8550
PNP Transistor
1 / 3
www.pingjingsemi.com
Revision:1.1 Jan-2019
Features
For Switching and Amplifier Applications.
As Complementary Type of the NPN Transistor
MMBT8050 is Recommended.
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
40
V
Collector Emitter Voltage
-VCEO
25
V
Emitter Base Voltage
-VEBO
6
V
Collector Current
-IC
600
mA
Power Dissipation
PD
350
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55 to 150
℃
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 100 mA Current Gain Group
C
D
at -VCE = 1 V, - IC = 500 mA
HFE
100
160
40
-
-
250
400
-
Collector Base Cutoff Current
at -VCB = 35 V
-ICBO
-
-
100
nA
Collector Base Breakdown Voltage
At -IC = 10 μA
-V(BR)CBO
40
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 2 mA
-V(BR)CEO
25
-
-
V
Emitter Base Breakdown Voltage
at -IE = 100 μA
-V(BR)EBO
6
-
-
V
Collector Emitter Saturation Voltage
at IC = -500 mA, IB = -50 mA
-VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
At -IC = 500 mA, -IB = 50 mA
-VBE(sat)
-
-
1.2
V
Transition Frequency
at -VCE = 5 V, -IC = 10 mA
FT
-
100
-
MHz
SOT-23
(TO-236)
1.Base 2.Emitter 3.Collector
Marking:B9D


Similar Part No. - MMBT8050

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT8050 SEMTECH_ELEC-MMBT8050 Datasheet
145Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Kingtronics Internation...
MMBT8050 KINGTRONICS-MMBT8050 Datasheet
313Kb / 2P
For switching and amplifier applications
logo
Nanjing International G...
MMBT8050 DGNJDZ-MMBT8050 Datasheet
62Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
ARTSCHIP ELECTRONICS CO...
MMBT8050 ARTSCHIP-MMBT8050 Datasheet
1Mb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Bytesonic Electronics C...
MMBT8050 BYTESONIC-MMBT8050 Datasheet
485Kb / 3P
TRANSISTOR(NPN)
2016/6/27
More results

Similar Description - MMBT8050

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com