Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC945 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC945
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC945 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC945 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC945 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC945 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBTSC945
NPN Transistor
2 / 3
www.pingjingsemi.com
Revision:1.0 Nov-2018
Electrical Characteristics Curves
00
12
0
2
4
6
8
10
12
0.1
100
200
400
600
800
1000
1
100
10
100
1
100
10
100
1000
0
25
125
150
0.00
0.05
0.10
0.15
0.20
0.25
0.1
10
0
5
10
15
COMMON
EMITTER
T
a=25
℃
24uA
9uA
30uA
27uA
21uA
18uA
15uA
12uA
6uA
I
B=3uA
2
68
10
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
30
0.3
150
3
10
30
COLLECTOR CURRENT I
C
(mA)
V
BEsat
——
I
C
β=10
T
a=100
℃
T
a=25
℃
30
0.3
3150
10
30
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
β=10
V
CEsat
——
I
C
300
30
0.7
300
h
FE
——
T
a=25
℃
T
a=100
℃
V
CE=6V
I
C
150
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
1
3
10
COLLECTOR CURRENT I
C
(mA)
P
C
——
T
a
1
3
REVERSE BIAS VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0 /IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com