Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC1623 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC1623
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC1623 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC1623 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1623 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1623 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1623 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBTSC1623
NPN Transistor
www.pingjingsemi.com
3 / 4
Revison:1.0 July-2018
1
10
100
1000
0.1
100
100
1000
0
25
125
150
0
50
100
150
200
250
0.1
100
10
100
0.1
100
10
100
1000
0.1
10
0.1
1
10
0.0
0.3
0.6
0.9
1.2
0.1
1
10
100
0
8
0
1
2
3
4
I
C
f
T
——
COMMON EMITTER
V
CE=6V
T
a=25
℃
70
β=10
I
C
V
BEsat
——
1
10
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
2000
10
COLLECTOR CURRENT I
C
(mA)
P
C
——
T
a
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
1
10
COLLECTOR CURREMT I
C
(mA)
300
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
1
10
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 6V
20
50
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
1
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (V)
I
C
——
V
BE
COMMON EMITTER
V
CE=6V
Static Characteristic
COMMON
EMITTER
T
a=25
℃
10uA
8uA
7uA
6uA
5uA
4uA
3uA
9uA
2uA
I
B=1uA
24
6
COLLECTOR-EMITTER VOLTAGE V
CE
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com