Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC1815 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC1815
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC1815 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC1815 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC1815 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBTSC1815
NPN Transistor
3 / 4
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Electrical Characteristics Curves
100
10
100
1000
,
&
K
)(
²²
T
a=25
0.2
150
T
a=100
COMMON EMITTER
V
CE=6V
110
COLLECTOR CURRENT I
C
(mA)
0
10
12
0.000
0.002
0.004
0.006
0.008
0.010
0.012
54uA
48uA
60uA
42uA
36uA
30uA
24uA
18uA
12uA
I
B=6uA
COMMON EMITTER
T
a=25
24
68
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
6WDWLF &KDUDFWHULVWLF
0.1
100
0.01
0.1
1
=10
T
a=100
T
a=25
0.03
0.3
150
1
10
COLLECTOR CURRENT I
C
(mA)
,
&
9
&(VDW
²²
0.1
100
0.1
1
9
%(VDW
²²
,
&
=10
T
a=25
T
a=100
2
150
1
10
COLLECTOR CURRENT I
C
(mA)
1
100
10
100
1000
,
&
COMMON EMITTER
V
CE=10V
T
a=25
3
10
COLLECTOR CURRENT I
C
(mA)
30
0.4
I
7
²²
0
25
125
150
0
50
100
150
200
250
7
D
3
&
²²
50
75
100
AMBIENT TEMPERATURE T
a
( )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com