Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC2712 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC2712
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC2712 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC2712 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2712 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC2712 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBTSC2712
NPN Transistor
2 / 3
Electrical Characteristics Curves
0
50
100
150
200
250
300
350
0
150
25
50
75
100
125
PC
- TA
1
0
0.1
100
1000
common
emitter
Ta=25 C
VCE=10V
I C, mA
10
100
fT - IC
common emitter
VCE=1V
VCE=6V
0
100
10
1
0.1
I C, mA
Ta=100 C
-25
25
3000
1000
hFE - I C
100
0.1
300
100
0.01
0.1
10
1
I C, mA
Ta=100 C
-25
25
300
common
emitter
IC/IB=10
3
1
VCE(sat) - IC
TA,℃
www.pingjingsemi.com
Revis
ion:1.0 Dec-2018



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com